Part Number Hot Search : 
1N987B CM200C R0402 C3500 G910T25D M66010GP SBL10 BDW48
Product Description
Full Text Search
 

To Download LDQ2G181MERZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
DQ
Item
Horizontal Mounting Type, Wide Temperature Range
series
Horizontal mounting version for 20 ,22 and 25. Suited for use in flat electronic devices where height space is limited. Adapted to the RoHS directive (2002/95/EC).
DQ
High Temperature
Specifications
Category Temperature Range Rated Voltage Range Rated Capacitance Range
Capacitance Tolerance Leakage Current
tan
DM
Performance Characteristics
- 40 ~ +105C (200V) , - 25~+105C (400V) 200 * 400V 68 ~ 1200F 20% at 120Hz, 20C I 3 CV (A) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (F) V : Voltage (V)]
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
200 0.15 200 3 12
400 0.15
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z - 25C/ Z+20C Impedance ratio Z - 40C/ Z+20C ZT/Z20(MAX.)
400 8 --
Capacitance change tan Leakage current Capacitance change tan Leakage current Within 20% of initial value 200% or less of initial specified value Initial specified value or less Within 15% of initial value 150% or less of initial specified value Initial specified value or less
Endurance
After an application of DC voltage(in the range of rated DC voltage even after over-lapping the specified ripple current) for 2000 hours at 105C, capacitors meet the characteristic requirements listed at right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the requirements listed at right.
Shelf Life
Marking
Printed with white color letter on black sleeve.
Drawing
L2 Sleeve (P.E.T.) 3.51
Type numbering system (Example : 200V 470F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 Lead wire configurationt GA : Left side from the front
L DQ 2 D 4 7 1 M ER Z GA
( HA :
Right side from the front
)
+1MAX.
Case dia.code Configuration Pressure relief vent 0.6 Capacitance tolerance(20%) 8.02 2.0 P1 20 : P=7.5 22, 25 : P=8.5 Rated Capacitance(470F) Rated voltage(200V) Series name Type D 20 22 25 Code Y Z A
Dimensions
V(Code) Cap.(F)
Co de
D
D
20
200V (2D) 22
25 20 x 30 20 x 30 20 x 35 20 x 40 20 x 45 20 x 50
20 0.56 0.64 0.70 0.75 0.83 0.95
400V (2G) 22
25
68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200
680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122
20 x 30 20 x 35 20 x 40 20 x 45 20 x 50
1.10 1.20 1.31 1.45 1.58
22 x 35 22 x 40 22 x 45 22 x 50 22 x 60
0.75 0.88 0.95 1.10 1.22
25 x 35 25 x 40 25 x 45 25 x 50
0.95 1.10 1.22 1.44
22 x 35 22 x 40 22 x 45 22 x 60
1.45 1.60 1.78 2.04
25 x 35 25 x 40 25 x 45 25 x 50 25 x 60
1.60 1.78 2.04 2.30 2.65
Case size D x L (mm)
Rated ripple
Other rating also available on request.
Rated Ripple (Arms) at 105C, 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
Coeff.
200V 400V
50 0.81 0.77
60 0.85 0.82
120 1.00 1.00
300 1.17 1.16
1k 1.32 1.30
10k 1.45 1.41
50k~ 1.50 1.43
Minimum order quantity : 50pcs.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of LDQ2G181MERZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X